Part Number Hot Search : 
C68HC SP380 Z89371QF STPS0520 AX194BE WFU1N60 MG500 ASH1201
Product Description
Full Text Search
 

To Download ZHL-30W-262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power Amplifier
50 30W 2300 to 2550 MHz
ZHL-30W-262+
The Big Deal:
* High Power Output:30W * Capable of operating at rated power into an open or short * Integrated protection and alarm functions
ZHL-30W-262-S+ Price: $1995.00 (QTY 1-9) ZHL-30W-262X-S+ Price: $1920.00 (QTY 1-9)
Product Overview:
ZHL-30W-262+ is a ruggedized High Power Amplifier delivering 30W signals covering the 2400 MHz ISM, WLAN and S-Band radar bands. This amplifier supports a variety of applications from communication, radar to critical test and measurement systems and includes over-temperature self-protect and alarming circuits as well as internal protection circuits to prevent damage due to operation into an open or short under full RF power.
Key Features
Feature
Good gain flatness, 1.5 dB
Advantages
Predictable performance and signal level strength
Excellent Input and Output VSWR, 1.25:1
Well-matched for full power transmission The ZHL-30W-262+ includes internal temperature monitoring circuits to automatically shut down the amplifier in the event of over temperature operation. Set for approximately +85C shutdown (with auto recovery at 70C), this feature ensures that users whom have difficulty in controlling their thermal environment or need to operate in a remote mode and cannot monitor the amplifier real time, can function with the security that a thermal run-away condition will be avoided through this self management feature. Furthermore, the ZHL-30W-262+ provides a TTL output to indicate thermal shutdown for remote automated systems. A high root cause for damage to power amplifiers is the operation into highly reflective loads. The ZHL-30W-262+ power amplifier includes circuits to enable the amplifier to operate without damage in the presence of an open or short over all phases. Providing 30W of output power at the WiFi bands, this amplifier is an ideal lab test amplifier operating over the entire 2.3 to 2.5 GHz band.
Over temperature shut down
Output load protection
Excellent Output Power: 30W
ISO 9001 ISO 14001 AS 9100 CERTIFIED P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
IF/RF MICROWAVE COMPONENTS
Mini-Circuits
(R)
For detailed performance specs & shopping online see web site
(R)
Provides ACTUAL Data Instantly at minicircuits.com
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit's applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, "Standard Terms"); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits' website at www.minicircuits.com/MCLStore/terms.jsp.
Page 1
Coaxial 50
High Power Amplifier
30W 2300 to 2550 MHz
Description
Mini-Circuits ZHL-30W-262+ is a ruggedized High Power Amplifier delivers 30W signals covering the ISM, WLAN and S-Band radar bands. It supports a variety of applications from communication or radar to critical test and measurement systems and includes over-temperature self-protect and alarming circuits as well as internal protection circuits to prevent damage due to operation into an open or short under full RF power.
ZHL-30W-262+
Features
*High power, 30Watt *Low Current consumption, 3.2A typ. *Usable over 2200 to 2600 MHz *Good gain flatness, 1.5 dB typ. *Excellent VSWR, 1.25:1 typ. *No damage with an open or short output load under full CW output power *Shuts off when base plate temperature exceeds +80C *Accepts wide range of DC supply voltage +25 to +29V
Applications
*WiFi *Lab test
Model No. Case Style Connectors Price (Qty.)
ZHL-30W-262-S+ ZHL-30W-262X-S+ BT1344 SMA / D-Sub Male $1995.00 ea. (1-9) $1920.00 ea. (1-9)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications
Parameter
Frequency Range Gain Gain Flatness Output Power at 1dB compression Saturated Output Power at 3dB compression Noise Figure Output third order intercept point Input VSWR Output VSWR DC Supply Voltage Supply Current1
1. Power Supply should be capable of delivering 5.5A at start up.
Condition (MHz)
2300-2550 2400-2500 2300-2550 2400-2500 2300-2550 2400-2500 2300-2550 2400-2500 2300-2550 2300-2550 2400-2500 2300-2550 2400-2500 2300-2550 2400-2500 2300-2550 2300-2550
ZHL-30W-262-S+ Min.
2300 42 43 -- -- +41 +42 +43 +44 -- -- -- -- -- -- -- -- --
ZHL-30W-262X-S+ Max.
2550 55 55 3.5 1.2 -- -- -- -- -- -- -- -- -- -- -- 29 4.3
Typ.
-- 50 50 -- -- +43 +43 +45 +45 7.0 +50 +51 1.3 1.2 1.3 1.2 28 3.2
Min
2300 42 43 -- -- +41 +42 +43 +44 -- -- -- -- -- -- -- -- --
Typ.
-- 50 50 -- -- +43 +43 +45 +45 7.0 +50 +51 1.3 1.2 1.3 1.2 28 3.2
Max.
2550 55 55 3.5 1.2 -- -- -- -- -- -- -- -- -- -- -- 29 4.0
Units
MHz dB dB dBm dBm dB dBm :1 :1 V A
Heat sink and fan not included. Alternative heat sinking and heat removal must be provided by the user to limit maximum base-plate temperature to 60C, in order to ensure proper performance. For reference, this requires thermal resistance of user's external heat sink to be 0.157C/W max.
Outline Drawing
Maximum Ratings
Parameter
Operating Temperature Storage Temperature Base Plate Temperature Input RF Power (no damage)
Ratings
-20C to 41C -55C to 100C -20C to 60C +9 dBm
Permanent damage may occur if any of these limits are exceeded.
D-Sub Male Connector Pin Connections**
MOUNTING INFORMATION FOR MODELS WITHOUT HEATSINK.
Pin Function
None Thermal Shut-Off Indication: Shut-Off: 2 to 5V Not Shut-Off: 0 to 0.8V
Label on unit
Pin # Color Gauge
None Orange Red None 26 AWG
N/C1, N/C2 1,2,4,5 N/C4, N/C5 TTL Out Vdc 3 6,7
Outline Dimensions (
A B C D 9.85 7.3 6.5 6.00 250.19 185.42 165.10 152.40 E 1.00 25.40
inch mm
)
G .13 3.30 J .37 9.40 K 2.87 72.90 L .71 18.03 P 3.58 90.93 Q R S T wt .5 5.95 5.1 .135 grams* 12.70 151.13 129.54 3.43 4265 *580 grams without heatsink
F 3.75 95.25
18 AWG 18 Ground GND 8,9 Black AWG **Each amplifier includes an additional D-Sub connector for mating with the amplifier. DC Input (+)
ISO 9001 ISO 14001 AS 9100 CERTIFIED P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
IF/RF MICROWAVE COMPONENTS
Mini-Circuits
(R)
For detailed performance specs & shopping online see web site
(R)
Provides ACTUAL Data Instantly at minicircuits.com
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit's applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, "Standard Terms"); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits' website at www.minicircuits.com/MCLStore/terms.jsp.
REV. OR M126241 ZHL-30W-262+ ED-13636C/1 100824 Page 2
Typical Performance Data/Curves
ZHL-30W-262+
FREQUENCY (MHz)
GAIN (dB)
DIRECTIVITY (dB)
VSWR (:1)
NOISE FIGURE (dB)
POUT (dBm) at 28V 1 dB Compr.
41.85 43.19 43.79 43.86 43.80 43.61 43.68 43.88 44.07 43.84 43.53
OUTPUT IP3 (dBm)
28V
2200.00 2250.00 2300.00 2350.00 2400.00 2420.00 2440.00 2460.00 2480.00 2500.00 2550.00 47.93 48.55 49.18 49.79 50.27 50.36 50.36 50.28 50.08 49.70 47.85
28V
46.39 38.56 54.37 59.76 40.46 46.57 46.32 42.92 45.43 45.12 42.96
IN
1.78 1.67 1.55 1.46 1.37 1.34 1.33 1.31 1.30 1.29 1.31
OUT
1.52 1.36 1.24 1.16 1.19 1.21 1.24 1.27 1.30 1.32 1.36
28V
7.53 7.62 7.63 7.60 7.62 7.60 7.53 7.59 7.53 7.51 7.63
3 dB Compr.
43.75 44.86 45.75 46.04 45.85 45.90 45.86 45.99 45.97 45.84 44.94
28V
50.73 51.03 51.77 51.93 51.65 51.44 51.35 51.40 51.20 51.12 50.55
55 53 GAIN (dB) 51 49 47
at 28V
ZHL-30W-262+ GAIN
at 28V
ZHL-30W-262+ DIRECTIVITY
1.6
80 DIRECTIVITY (dB) 70
VSWR
at 28V
ZHL-30W-262+ VSWR IN OUT
60 50 40 30 2300
1.4
1.2
45 2300
2350
2400 2450 FREQUENCY (MHz)
2500
2550
2350
2400
2450
2500
2550
1.0 2300
2350
2400
2450
2500
2550
FREQUENCY (MHz)
FREQUENCY (MHz)
50 OUTPUT POWER (dBm) 48 46 44 42
at 28V
ZHL-30W-262+ OUTPUT POWER
8.0 NOISE FIGURE (dB)
at 28V
ZHL-30W-262+ NOISE FIGURE
60
at 28V
ZHL-30W-262+ IP3
1dB Compr. 3dB Compr.
7.8 7.6 7.4 7.2 7.0 2300
45 2300 IP3 (dBm) 55
50
40 2300
2350
2400 2450 FREQUENCY (MHz)
2500
2550
2350
2400
2450
2500
2550
2350
2400
2450
2500
2550
FREQUENCY (MHz)
FREQUENCY (MHz)
ISO 9001 ISO 14001 AS 9100 CERTIFIED P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
IF/RF MICROWAVE COMPONENTS
Mini-Circuits
(R)
For detailed performance specs & shopping online see web site
(R)
Provides ACTUAL Data Instantly at minicircuits.com
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications Page 3 and performance data contained herein are based on Mini-Circuit's applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, "Standard Terms"); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits' website at www.minicircuits.com/MCLStore/terms.jsp.


▲Up To Search▲   

 
Price & Availability of ZHL-30W-262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X